PART |
Description |
Maker |
CAT93C56XI-GT2 CAT93C56XI-GT3 CAT93C56XI-T2 CAT93C |
128 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 4.40 MM, GREEN, MO-153, TSSOP-8 2-Kb Microwire Serial CMOS EEPROM
|
ON Semiconductor Catalyst Semiconductor
|
AT93C46-10PQ-2.7 AT93C46-10TE-2.7 |
10MS, PDIP, EXT TEMP, GREEN, 2.7V(SERIAL EE) 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Atmel, Corp. ATMEL CORP
|
93LC46-IP 93LC46-ISN 93LC46-ISL 93LC46-SL 93LC46-S |
16-Bit Buffers/Line Drivers With 3-State Outputs 48-SSOP -40 to 85 1K/2K/4K 2.0V的微型导线串行EEPROM 1K/2K/4K 2.0V Microwire Serial EEPROM 1K/2K/4K 2.0V的微型导线串行EEPROM Search --To BR93LC66 1K/2K/4K 2.0V Microwire Serial EEPROM
|
Microchip Technology, Inc. Rohm Microchip Technology Inc.
|
93AA46BXT-E_MC 93AA46BXT-E_MS 93AA46BXT-E_OT 93AA4 |
64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 1K Microwire Compatible Serial EEPROM
|
Microchip Technology
|
CAT93C56VE-GT3 CAT93C57WA-GT3REVE CAT93C57WA-1.8-G |
2 kb Microwire Serial EEPROM 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 128 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8
|
ON Semiconductor
|
93C86 93C86-EP 93C86-ESN 93C86-IP 93C86-ISN 93C86- |
8K/16K 5.0V Microwire Serial EEPROM 16K 5.0V Microwire Serial EEPROM(4.5~5.5V,16K10M次擦写周具上掉电数据保护电路,EEPROM) 8K/16K 5.0V Microwire Serial EEPROM 8K/16K 5.0V Microwire串行EEPROM Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:400V; Forward Current Avg Rectified, IF(AV):300A; Non Repetitive Forward Surge Current Max, Ifsm:6500A; Forward Voltage Max, VF:1.4V; Package/Case:DO-205 8K/16K 5.0V Microwire串行EEPROM
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG |
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial ... This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial EERPOM 1K Microwire Compatible Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
IS93C46B-3GRI IS93C46B-3GRA IS93C46B-3GI IS93C46B- |
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
AT93C56 AT93C66 AT93C66-10PC-1.8 AT93C66-10PI-1.8 |
3-wire Serial EEPROMs 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AT93C86A-10SE-2.7 |
10MS, 8 SOIC, EXT TEMP, 2.7V(SERIAL EE) 1K X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Atmel, Corp.
|
AT93C46C-10SU-2.7 |
10MS, SOIC, IND, GREEN SCHMITT TRIG 2.7V(SERIAL EE) 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Atmel, Corp.
|